Part Number Hot Search : 
C2223 MA150 AAMUA RUE300 20200C ON0680 12816 LM317AK
Product Description
Full Text Search
 

To Download SRR6603-100ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  max. 3.00 (.118) 4.45 0.10 (.175 .004) 2.50 0.10 (.098 .004) 1.24 0.10 (.049 .004) 6.60 (.260) max. max. 4.40 (.173) 220 220 features available in e12 series unit height of 3 mm current up to 3 a rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communication equipment ? camcorders ? lcd tvs ? car radios srr6603 series - shielded power inductors *rohs compliant *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci? c applications. test voltage ....................................0.1 v re ow soldering .. 250 ?, 10 sec. max. (in compliance with jedec, j-std-020c, table 4-2) operating temperature ................................-55 ? to +125 ? (temperature rise included) storage temperature ................................-55 ? to +125 ? resistance to soldering heat .......................... 250 ?, 10 sec. max. electrical speci? cations bourns part no. inductance 100 khz q ref. test frequency (khz) q srf nom. (mhz) rdc max. ( ) i rms (a) i sat (a) uh tol. % srr6603-1r0ml 1.0 ?0 30 200 250 0.040 3.00 1.4 srr6603-1r5ml 1.5 ?0 30 200 125 0.045 2.80 0.93 srr6603-2r2ml 2.2 ?0 40 200 120 0.050 1.80 0.92 srr6603-3r3ml 3.3 ?0 40 200 120 0.055 1.60 0.75 srr6603-4r7ml 4.7 ?0 40 200 105 0.060 1.40 0.58 srr6603-6r8ml 6.8 ?0 40 200 50 0.065 1.20 0.58 SRR6603-100ML 10.0 ?0 40 200 38 0.075 1.00 0.37 srr6603-150ml 15.0 ?0 40 100 33 0.090 0.80 0.31 srr6603-220ml 22.0 ?0 40 100 25 0.110 0.70 0.30 srr6603-330ml 33.0 ?0 40 100 20 0.190 0.60 0.24 srr6603-470ml 47.0 ?0 40 100 20 0.230 0.50 0.24 srr6603-680ml 68.0 ?0 40 100 15 0.290 0.40 0.17 srr6603-101ml 100.0 ?0 40 100 10 0.480 0.30 0.13 srr6603-151ml 150.0 ?0 40 100 9 0.590 0.26 0.10 srr6603-221ml 220.0 ?0 40 100 6 0.770 0.22 0.10 srr6603-331ml 330.0 ?0 40 100 5 1.400 0.20 0.07 srr6603-471ml 470.0 ?0 40 100 4 1.800 0.19 0.06 srr6603-681ml 680.0 ?0 40 100 3 2.200 0.18 0.055 srr6603-102ml 1000.0 ?0 40 100 2 3.400 0.15 0.045 srr6603-152ml 1500.0 ?0 50 100 2 4.200 0.12 0.035 srr6603-222ml 2200.0 ?0 50 100 2 8.500 0.10 0.028 srr6603-332ml 3300.0 ?0 50 100 1 11.00 00.08 0.024 srr6603-472ml 4700.0 ?0 50 100 1 13.90 00.06 0.021 srr6603-682ml 6800.0 ?0 50 100 1 25.00 00.04 0.019 srr6603-103ml 10000.0 ?0 50 100 0.8 32.80 00.02 0.017 general speci? cations core ............................... ferrite dr & ri wire ............................enameled copper base ..........................................ceramic terminal ....................................ag/ni/au rated current ...............ind. drop of 30 % typ. at isat temperature rise .....................30 ? max. at rated irms packaging .................... 600 pcs. per reel materials product dimensions recommended layout schematic dimensions: mm (inches) 4.10 (.161) ref. 7.00 (.276) 1.60 (.063) ref. 3.00 (.118) ref. 222
speci cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci c applications. srr6603 series - shielded power inductors packaging speci cations dimensions: mm (inches) qty: 600 pcs. per reel rev. 10/13 soldering pro le 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (seconds) temperature (c) <2> max. of 30 seconds > 220 ? <1> max. of 10 seconds at 250 ? 250 ? <2> <1> 120 - 150 seconds ramp-up 4 ?second maximum ramp-down 5 ?/second maximum 14 (.551) 16.5 (.650) 2.0 0.5 (.079 .020) 50.0 (1.969) 178 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. 12.0 (.472) end start user direction of feed 160 (6.299) t n e n o p m o c o n t n e n o p m o c o n components 390 (15.354) 4 (.157) 8 (.315) 12.0 (.472) 220 220 220 220 220 220 2


▲Up To Search▲   

 
Price & Availability of SRR6603-100ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X